Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TYN10K Datasheet(PDF) 1 Page - STMicroelectronics

Part # TYN10K
Description  THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TYN10K Datasheet(HTML) 1 Page - STMicroelectronics

  TYN10K Datasheet HTML 1Page - STMicroelectronics TYN10K Datasheet HTML 2Page - STMicroelectronics TYN10K Datasheet HTML 3Page - STMicroelectronics TYN10K Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - TYN10K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN100 STMICROELECTRONICS-TYN100 Datasheet
162Kb / 9P
8A SCRs
Apr-2002
TYN100012 STMICROELECTRONICS-TYN100012 Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYN100012T STMICROELECTRONICS-TYN100012T Datasheet
122Kb / 11P
SENSITIVE & STANDARD(12A SCRs)
14-Oct-2005
TYN1004 STMICROELECTRONICS-TYN1004 Datasheet
247Kb / 4P
Silicon controlled rectifiers
TYN1004 STMICROELECTRONICS-TYN1004 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
More results

Similar Description - TYN10K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com