Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMS202ECMW Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMS202ECMW
Description  15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMS202ECMW Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMS202ECMW Datasheet HTML 1Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 2Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 3Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 4Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 5Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 6Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 7Page - National Semiconductor (TI) LMS202ECMW Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LMS202E
15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual
Transceivers
General Description
The LMS202E features two transmitters and two receivers
for RS-232 communication. It has a DC-to-DC converter that
permits the device to operate with only a single +5V power
supply. The on-chip DC-to-DC converter which utilizes four
external 0.1µF capacitors to generate dual internal power
supplies for RS-232 compatible output levels.
The device meet EIA/TIA-232E and CCITT V.28 specifica-
tions up to 230kbits/sec. The LMS202E is available in a 16
pin narrow and wide SOIC package.
The transmitter outputs and receiver inputs have ±15kV
electrostatic discharge (ESD) protection. The LMS202E sur-
vives a ± 15kV ESD event to the RS-232 input and output
pins when subjected according to Human Body Model or IEC
1000-4-2 (EN61000-4-2),air-gap specification. It survives a
±8kV discharge when subjected to IEC 1000-4-2 (EN61000-
4-2), contact specification. This device is designed for use in
harsh environments where ESD is a concern.
Features
n
ESD protection for RS-232 I/O pins
— ±15kV-IEC1000 4-2 (EN61000-4-2) Contact
Discharge
— ±8kV-IEC1000 4-2 (EN61000-4-2) Air-Gap Discharge
— ±15kV Human Body Model
n
Single +5V power supply
n
230 kbps data rate
n
On-board DC-to-DC converter
n
0.1µF charge pump capacitors
n
Drop-in replacement to Maxim’s MAX202E
Applications
n
POS equipment (Bar code reader)
n
Hand-held equipment
n
General purpose RS-232 communication
Connection Diagram and Typical Circuit
20048001
March 2003
© 2003 National Semiconductor Corporation
DS200480
www.national.com


Similar Part No. - LMS202ECMW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMS202ECM/NOPB TI1-LMS202ECM/NOPB Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
LMS202ECMX/NOPB TI1-LMS202ECMX/NOPB Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
More results

Similar Description - LMS202ECMW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS14C232 NSC-DS14C232 Datasheet
232Kb / 12P
Low Power 5V Powered TIA/EIA-232 Dual
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E Datasheet
97Kb / 10P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
March 2001
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
logo
National Semiconductor ...
LMS202 NSC-LMS202 Datasheet
114Kb / 5P
5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Intersil Corporation
ISL8563E INTERSIL-ISL8563E_04 Datasheet
320Kb / 9P
/-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, EIA/TIA-562, EIA/TIA-232 Transmitters/Receivers
July 2004
logo
National Semiconductor ...
DS14C238 NSC-DS14C238_02 Datasheet
102Kb / 5P
Single Supply TIA/EIA-232 4X4 Driver/Receiver
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Texas Instruments
LMS202E TI1-LMS202E Datasheet
780Kb / 14P
LMS202E 15KV ESD Rated, 5V Single Supply TIA/EIA-232 Dual Transceivers
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com