Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4350 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB4350
Description  192 kHz Stereo DAC with Integrated PLL
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4350 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB4350 Datasheet HTML 17Page - Cirrus Logic CDB4350 Datasheet HTML 18Page - Cirrus Logic CDB4350 Datasheet HTML 19Page - Cirrus Logic CDB4350 Datasheet HTML 20Page - Cirrus Logic CDB4350 Datasheet HTML 21Page - Cirrus Logic CDB4350 Datasheet HTML 22Page - Cirrus Logic CDB4350 Datasheet HTML 23Page - Cirrus Logic CDB4350 Datasheet HTML 24Page - Cirrus Logic CDB4350 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DS691A3
21
CS4350
2.
Bring RST high. The device will remain in a low-power state with VQ low.
3.
Perform a control port write to a valid register prior to the completion of approximately 512 LRCK
cycles in Single-Speed Mode (1024 LRCK cycles in Double-Speed Mode, and 2048 LRCK cycles in
Quad-Speed Mode). The desired register settings can be loaded while keeping the PDN bit set to 1.
4.
Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µs when
the Popguard is disabled. If the Popguard is enabled, see Section 4.7 for a complete description of
power-up timing.
4.7
Popguard® Transient Control
The CS4350 uses a novel technique to minimize the effects of output transients during power-up and power-
down. This technology, when used with external DC-blocking capacitors in series with the audio outputs,
minimizes the audio transients commonly produced by single-ended single-supply converters. It is activated
inside the DAC when the RST pin is toggled and requires no other external control, aside from choosing the
appropriate DC-blocking capacitors.
4.7.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTA and AOUTB, are clamped to GND.
Following a delay of approximately 1000 sample periods, each output begins to ramp toward the quies-
cent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and audio output begins.
This gradual voltage ramping allows time for the external DC-blocking capacitors to charge to the quies-
cent voltage, minimizing audible power-up transients.
4.7.2
Power-Down
To prevent audible transients at power-down, the device must first enter its power-down state. When this
occurs, audio output ceases and the internal output buffers are disconnected from AOUTA and AOUTB.
In their place, a soft-start current sink is substituted which allows the DC-blocking capacitors to slowly dis-
charge. Once this charge is dissipated, the power to the device may be turned off, and the system is ready
for the next power-on.
4.7.3
Discharge Time
To prevent an audio transient at the next power-on, the DC-blocking capacitors must fully discharge be-
fore turning on the power or exiting the power-down state. If full discharge does not occur, a transient will
occur when the audio outputs are initially clamped to GND. The time that the device must remain in the
power-down state is related to the value of the DC-blocking capacitance and the output load. For example,
with a 3.3 µF capacitor, the minimum power-down time will be approximately 0.4 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com