Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA501 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA501
Description  40V 3.5A DOUBLE POWER HALF BRIDGE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA501 Datasheet(HTML) 2 Page - STMicroelectronics

  STA501 Datasheet HTML 1Page - STMicroelectronics STA501 Datasheet HTML 2Page - STMicroelectronics STA501 Datasheet HTML 3Page - STMicroelectronics STA501 Datasheet HTML 4Page - STMicroelectronics STA501 Datasheet HTML 5Page - STMicroelectronics STA501 Datasheet HTML 6Page - STMicroelectronics STA501 Datasheet HTML 7Page - STMicroelectronics STA501 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STA501
2/8
PIN FUNCTION
Pin
Description
1
GND-SUB
Substrate ground
35 ; 36
Vcc Sign
Signal Positive Supply
15
Vcc
Positive Supply
12
Vcc
Positive Supply
7
Vcc
Positive Supply
4
Vcc
Positive Supply
14
GND
Negative Supply
13
GND
Negative Supply
6
GND
Negative Supply
5
GND
Negative Supply
16 ; 17
N.C.
10 ; 11
N.C.
8 ; 9
OUTA
Output half bridge
2 ; 3
OUTB
Output half bridge
29
GND
30
GND
31
INA
Input of half bridge
32
INB
Input of half bridge
21 ; 22
Vdd
5V Regulator referred to ground
33 ; 34
Vss
5V Regulator referred to +Vcc
25
PWRDN
Stand-by pin
26
TRI-STATE
Hi-Z pin
27
FAULT
Fault pin advisor
24
GND
28
TH-WAR
Thermal warning advisor
19
GND-clean
Logical ground
23
IBIAS
High logical state setting voltage
18
NC
Not connected
20
GND-Reg
Ground for regulator Vdd



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com