Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSSRM1.PC Datasheet(PDF) 13 Page - ams AG

Part # GWCSSRM1.PC
Description  Higher performance. Lower thermal resistance. Extended range of driving conditions. This is the second generation OSLON Square.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

GWCSSRM1.PC Datasheet(HTML) 13 Page - ams AG

Back Button GWCSSRM1.PC Datasheet HTML 9Page - ams AG GWCSSRM1.PC Datasheet HTML 10Page - ams AG GWCSSRM1.PC Datasheet HTML 11Page - ams AG GWCSSRM1.PC Datasheet HTML 12Page - ams AG GWCSSRM1.PC Datasheet HTML 13Page - ams AG GWCSSRM1.PC Datasheet HTML 14Page - ams AG GWCSSRM1.PC Datasheet HTML 15Page - ams AG GWCSSRM1.PC Datasheet HTML 16Page - ams AG GWCSSRM1.PC Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Version 1.6(not for new design)
GW CSSRM1.PC
Relative Forward Voltage 5) page 25
Relative Vorwärtsspannung 5) Seite 25
ΔVF = VF - VF(85 °C) = f(Tj); IF = 700 mA
Relative Luminous Flux 5) page 25
Relativer Lichtstrom 5) Seite 25
ΦV/ΦV(85 °C) = f(Tj); IF = 700 mA
Chromaticity Coordinate Shift 5) page 25
Farbortverschiebung 5) Seite 25
Cx, Cy = f(Tj); IF = 700 mA
GW CSSRM1.PC
-40 -20
0
20
40
60
80 100 120
Tj [°C]
-0,3
-0,2
-0,1
0,0
0,1
0,2
0,3
∆VF [V]
GW CSSRM1.PC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φ
v(85°C)
GW CSSRM1.PC
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,340
0,345
0,350
0,355
Cx
Cy
: Cx - White
: Cy - White
2018-05-10
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com