Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N4391 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4391
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4391 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4391 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01/99
B-13
2N4391, 2N4392, 2N4393
N-Channel Silicon Junction Field-Effect Transistor
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
– 40 V
Continuous Forward Gate Current
50 mA
Continuous Device Power Dissipation
1.8 W
Power Derating
12 mW/°C
TOÐ18 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate & Case
Surface Mount
SMP4391, SMP4392, SMP4393
At 25°C free air temperature
2N4391
2N4392
2N4393
Process NJ132
Static Electrical Characteristics
Min
Max
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 40
– 40
– 40
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 100
– 100
– 100
pA
VGS = – 20V, VDS = ØV
– 200
– 200
– 200
nA
VGS = – 20V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 4
– 10
– 2
– 5
– 0.5
– 3
V
VDS = – 20V, ID = 1 nA
Gate Source Forward Voltage
VGS(F)
111
V
IG = 1 mA, VDS = ØV
Drain Saturation Current (Pulsed)
IDSS
50
150
25
75
5
30
mA
VDS = 20V, VGS = ØV
100
pA
VDS = 20V, VGS = – 5V
200
nA
VDS = 20V, VGS = – 5V
TA = 150°C
Drain Cutoff Current
ID(OFF)
100
pA
VDS = 20V, VGS = – 7V
200
nA
VDS = 20V, VGS = – 7V
TA = 150°C
100
pA
VDS = 20V, VGS = – 12V
200
nA
VDS = 20V, VGS = – 12V
TA = 150°C
0.4
V
VGS = ØV, ID = 3 mA
Drain Source ON Voltage
VDS(ON)
0.4
V
VGS = ØV, ID = 6 mA
0.4
V
VGS = ØV, ID = 12 mA
Static Drain Source ON Resistance
rDS(ON)
30
60
100
Ω
VGS = ØV, ID = 1 mA
Dynamic Electrical Characteristics
Drain Source ON Resistance
rds(on)
30
60
100
Ω
VGS = ØV, ID = ØA
f = 1 kHz
Common Source Input Capacitance
Ciss
14
14
14
pF
VDS = 20V, VGS = ØV
f = 1 kHz
Common Source Reverse
3.5
pF
VDS = ØV, VGS = – 5V
f = 1 kHz
Transfer Capacitance
Crss
3.5
pF
VDS = ØV, VGS = – 7V
f = 1 kHz
3.5
pF
VDS = ØV, VGS = – 12V
f = 1 kHz
Switching Characteristics
Turn ON Delay Time
td(on)
15
15
15
ns
VDD = 10V, VGS(ON) = ØV
Rise Time
tr
555
ns
2N4391 2N4392 2N4393
Turn OFF Delay Time
td(off)
20
35
50
ns
ID(ON)
12
6
3
mA
Fall Time
tf
15
20
30
ns
VGS(OFF) – 12
– 7
– 5
V
¥ Low On Resistance Analog
Switches
¥ Choppers
¥ Commutators
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:30 AM
Page B-13


Similar Part No. - 2N4391

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4391 SEME-LAB-2N4391 Datasheet
13Kb / 2P
JFET SWITCHING N CHANNEL- DEPLETION
logo
Calogic, LLC
2N4391 CALOGIC-2N4391 Datasheet
29Kb / 2P
N-Channel JFET Switch
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
SINGLE N-CHANNEL JFET SWITCH
logo
List of Unclassifed Man...
2N4391 ETC1-2N4391 Datasheet
43Kb / 1P
N-Channel JFETs
logo
Vishay Siliconix
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
More results

Similar Description - 2N4391

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com