Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAP47B Datasheet(PDF) 2 Page - ams AG

Part # LAP47B
Description  With a diameter of just 2 mm, the PointLED is one of the smallest packages in its class and achieves high luminous efficacies.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LAP47B Datasheet(HTML) 2 Page - ams AG

  LAP47B Datasheet HTML 1Page - ams AG LAP47B Datasheet HTML 2Page - ams AG LAP47B Datasheet HTML 3Page - ams AG LAP47B Datasheet HTML 4Page - ams AG LAP47B Datasheet HTML 5Page - ams AG LAP47B Datasheet HTML 6Page - ams AG LAP47B Datasheet HTML 7Page - ams AG LAP47B Datasheet HTML 8Page - ams AG LAP47B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LA P47B
2 Version 1.2 | 2019-07-16
Ordering Information
Type
Luminous Intensity 1)
Mounting methode
Ordering Code
I
F = 30 mA
I
v
LA P47B-S2U1-24-1
224 ... 560 mcd
Reverse
Q65110A5329
LA P47B-T2V1-24-1
355 ... 900 mcd
Reverse
Q65110A3764
LA P47B-T2V1-24-1-F
355 ... 900 mcd
Top
Q65110A1749



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com