Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEBP1MR Datasheet(PDF) 2 Page - ams AG

Part # LEBP1MR
Description  OSRAM OSTAR Projection Power is a high luminance LED for projection applications.
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LEBP1MR Datasheet(HTML) 2 Page - ams AG

  LEBP1MR Datasheet HTML 1Page - ams AG LEBP1MR Datasheet HTML 2Page - ams AG LEBP1MR Datasheet HTML 3Page - ams AG LEBP1MR Datasheet HTML 4Page - ams AG LEBP1MR Datasheet HTML 5Page - ams AG LEBP1MR Datasheet HTML 6Page - ams AG LEBP1MR Datasheet HTML 7Page - ams AG LEBP1MR Datasheet HTML 8Page - ams AG LEBP1MR Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
LE B P1MR
DATASHEET
DATASHEET
2 | Version 1.1 | 2022-08-17
OSRAM OSTAR® Projection Power
LE B P1MR
OSRAM OSTAR Projection Power is a high luminance LED for
projection applications.
Applications
- Projection & Display
- Visualization
Features
- Package: OSTAR High Power Projection
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 456 nm (● blue)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
Ordering Information
Type
Total radiant flux 1)
Ordering Code
I
F = 8000 mA
Φ
e
LE B P1MR-FTGR-23
15000 ... 22400 mW
Q65113A2105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com