Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEUWS2WP-RBSB-BQ Datasheet(PDF) 16 Page - ams AG

Part # LEUWS2WP-RBSB-BQ
Description  Outstanding brightness and luminance due to surface emission and low Rth
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LEUWS2WP-RBSB-BQ Datasheet(HTML) 16 Page - ams AG

Back Button LEUWS2WP-RBSB-BQ Datasheet HTML 12Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 13Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 14Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 15Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 16Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 17Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 18Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 19Page - ams AG LEUWS2WP-RBSB-BQ Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
LE UW S2WP
16 Version 1.3 | 2021-07-14
C
Chhiipp ccoonnffiigguurraattiioonn
N
N::
standard power (1mm²)
PP::
high power (2mm²)
EEnnccaappssuullaanntt TTyyppee // LLeennss PPrrooppeerrttiieess
W
W::
Window on top
EEm
miissssiioonn ccoolloorr::
U
UW
W::
ultra white
C
CW
WU
UW
W::
warm white / ultra white
R
RTTD
DC
CYY::
red / true green / deep blue /converted yellow
R
RTTD
DU
UW
W::
red / true green / deep blue / ultra white
LLEE::
Light
Emitting
Diode
PPaacckkaaggee TTyyppee
SS:: OSTAR SMT
LLeeaadd // PPaacckkaaggee PPrrooppeerrttiieess
22::
2x2 chip configuration
TTyyppee D
Deessiiggnnaattiioonn SSyysstteem
m
LLEE
R
RTTD
DU
UW
W
SS
22
W
W
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com