Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP2S60 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GP2S60
Description  Subminiature, Reflective Type Photointerrupter for Automatic Mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60 Datasheet(HTML) 2 Page - Sharp Corporation

  GP2S60 Datasheet HTML 1Page - Sharp Corporation GP2S60 Datasheet HTML 2Page - Sharp Corporation GP2S60 Datasheet HTML 3Page - Sharp Corporation GP2S60 Datasheet HTML 4Page - Sharp Corporation GP2S60 Datasheet HTML 5Page - Sharp Corporation GP2S60 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GP2S60
I Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Forward voltage
VF
V
VR
=6V
µA
nA
IR
ICEO
nA
µA
Reverse current
Collector dark current
Collector current
Leak current
Output
IC
ILEAK
µs
µs
IF
=20mA
VCE
=20V
VCE
=2V, IF=4mA
VCE
=2V, IF=4mA
MIN.
−
−
−
−
−
−
10
100
130
500
MAX.
100
100
1.4
Conditions
VCE
=2V, IC=100µA
RL
=1 000Ω, d=1mm
TYP.
−
85
−
40
−
20
20
1.2
1
(Ta
=25˚C)
Rise time
tr
Fall time
tf
Transfer
charac-
teristics
Response time
*1
*2
*1 Refer to Fig.11
*2 No Reflective object
I Rank Table
Model No.
Ic(
µA)
Conditions
Rank mark
GP2S60A
GP2S60
GP2S60B
A
A or B
40 to 80
40 to 130
65 to 130
B
IF
=4mA
VCE
=2V
Ta
=25˚C
Fig.2 Power Dissipation vs. Ambient
Temperature
0
10
20
30
40
50
60
−25
0
100
75
50
85
25
Ambient temperature Ta (
°C)
Fig.1 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (
°C)
0
20
40
60
80
100
120
Ptot
−25
0
100
75
50
85
25
P,PC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com