Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL-R5130 Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # BL-R5130
Description  STANDARD LED LAMPS (RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R5130 Datasheet(HTML) 1 Page - Yellow Stone Corp

  BL-R5130 Datasheet HTML 1Page - Yellow Stone Corp BL-R5130 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Chip
Absolute Maximum
Ratings
Electro-optical
Data(At 20mA)
Vf
(V)
Iv
(mcd)
Package
Part No.
Material/ Emitted
Color
Peak
Wave
Length
p
(nm)
Lens
Appearance
(nm)
Pd
(mw)
If
(mA)
Peak
(mA) Typ Max Typ.
Viewing
Angle
2 1/2
(deg)
Drawing
No.
BL-R1138A
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.5
BL-R5138A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.8
BL-R4538A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.0
BL-R2138A
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.0
BL-RX1138A
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.0
BL-R3138A
GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.0
1.8x5.0x
5.2mm
1.0" Lead
Rectangular
BL-R4138A
GaAsP/GaP/ Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.0
125
L-097
BL-R1138B
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5138B
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.9
BL-R4538B
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.5
BL-R2138B
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.5
BL-RX1138B
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.5
BL-R3138B
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.5
1.9x5.4x
9.0mm
1.0" Lead
Rectangular
BL-R4138B
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.5
125
L-098
BL-R1138C
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5138C
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.9
BL-R4538C
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
6.5
BL-R2138C
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
6.5
BL-RX1138C
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6
8.5
BL-R3138C
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
5.5
1.9x5.3x
8.0mm
1.0" Lead
Rectangular
BL-R4138C
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
6.5
125
L-099
BL-R1139-T
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
3.0
BL-R5139-T
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
5.0
BL-R4539-T
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6 12.0
BL-R2139-T
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6 12.0
BL-RX1139-T GaP/GaP/ Hi-Eff Green
568
30
80
30
150 2.2 2.6 15.0
BL-R3139-T
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6 13.0
2.5x7.0x
7.8mm
1.0" Lead
Rectangular
BL-R4139-T
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 12.0
130
L-100
BL-R1139A
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
1.2
BL-R5139A
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
2.0
BL-R4539A
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2139A
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
7.0
BL-RX1139A
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 10.0
BL-R3139A
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
2.3x7.0x
7.0mm
1.0" Lead
Rectangular
BL-R4139A
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6 10.0
130
L-101
BL-R1139B
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.4
BL-R5139B
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
0.6
BL-R4539B
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2139B
GaP/GaP/ Green
568
30
80
30
150 2.2 2.6
7.0
BL-RX1139B
GaP/GaP/ Hi-Eff Green
568
Green Diffused
30
80
30
150 2.2 2.6 10.0
BL-R3139B
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
4.0x7.0x
9.5mm
1.0" Lead
Rectangular
BL-R4139B
GaAsP/GaP / Orange
635
Orange Diffused
45
80
30
150 2.0 2.6
7.0
120
L-102
BL-R1130
GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5130
GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-R4530
GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2130
GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
BL-R3130
GaAsP/GaP / Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
5.0x5.0x
7.1mm
1.0" Lead
Rectangular
BL-R4130
GaAsP/GaP / Orange
635
Orange Diffused
25
80
30
150 2.0 2.6
7.0
150
L-103
BL-R1130A-T GaAsP/GaAs/Red
655
40
80
40
200 1.7 2.0
0.6
BL-R5130A-T GaP/GaP/ Bright Red
700
90
40
15
50
2.2 2.6
1.0
BL-R4530A-T GaAsP/GaP/ Hi-Eff Red
635
Red Diffused
45
80
30
150 2.0 2.6
7.0
BL-R2130A-T GaP/GaP/ Green
568
Green Diffused
30
80
30
150 2.2 2.6
7.0
5.0x5.0
9.5mm
1.0" Lead
Rectangular
BL-R3130A-T GaAsP/GaP/ Yellow
585
Yellow Diffused
35
80
30
150 2.1 2.6
6.0
150
L-104
Remark
1.Hi-Eff Red / High-Efficiency Red.
2.Trans / Transparent.
3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity.
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BL-R5130

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R5130 YSTONE-BL-R5130 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-R5130N YSTONE-BL-R5130N Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
More results

Similar Description - BL-R5130

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-R1132D YSTONE-BL-R1132D Datasheet
641Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-B2441 YSTONE-BL-B2441 Datasheet
1,003Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-R1115 YSTONE-BL-R1115 Datasheet
505Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
BL-B1132 YSTONE-BL-B1132 Datasheet
513Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B1134M YSTONE-BL-B1134M Datasheet
500Kb / 2P
STANDARD LED LAMPS(ROUND TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
459Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-C5121 YSTONE-BL-C5121 Datasheet
400Kb / 5P
STANDARD LED LAMPS (CYLINDRICAL TYPES)
BL-R5131 YSTONE-BL-R5131 Datasheet
401Kb / 4P
STANDARD LED LAMPS (RECTANGULAR TYPES)
BL-B4541 YSTONE-BL-B4541 Datasheet
461Kb / 6P
STANDARD LED LAMPS (ROUND TYPES)
BL-R1141H YSTONE-BL-R1141H Datasheet
178Kb / 2P
STANDARD LED LAMPS(RECTANGULAR TYPES)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com