Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD404828RFS Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # HD404828RFS
Description  AS Microcomputer Incorporating a LCD controller/Driver Circuit
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404828RFS Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button HD404828RFS Datasheet HTML 93Page - Renesas Technology Corp HD404828RFS Datasheet HTML 94Page - Renesas Technology Corp HD404828RFS Datasheet HTML 95Page - Renesas Technology Corp HD404828RFS Datasheet HTML 96Page - Renesas Technology Corp HD404828RFS Datasheet HTML 97Page - Renesas Technology Corp HD404828RFS Datasheet HTML 98Page - Renesas Technology Corp HD404828RFS Datasheet HTML 99Page - Renesas Technology Corp HD404828RFS Datasheet HTML 100Page - Renesas Technology Corp HD404828RFS Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
HD404829R Series
95
Bit
Initial value
Read/Write
Bit name
3
0
W
AMR3
2
0
W
AMR2
0
0
W
AMR0
1
—
—
Not used
A/D mode register (AMR: $016)
AMR0
0
1
Conversion time
34tcyc
67tcyc
AMR3
0
0
1
1
AMR2
0
1
0
1
Analog input selection
AN0
AN1
AN2
AN3
Figure 82 A/D Mode Register (AMR)
A/D Data Register (ADRL: $017, ADRU: $018): Eight-bit read-only register consisting of a 4-bit lower
digit and 4-bit upper digit. This register is not cleared by reset. After the completion of A/D conversion,
the resultant eight-bit data is held in this register until the start of the next conversion (figures 83, 84, and
85).
3210
MSB
LSB
3210
Bit 0
Bit 7
ADRU: $018
ADRL: $017
Figure 83 A/D Data Registers (ADRU, ADRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com