Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC78622NE Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC78622NE
Description  Compact Disc Player DSP
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622NE Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC78622NE Datasheet HTML 1Page - Sanyo Semicon Device LC78622NE Datasheet HTML 2Page - Sanyo Semicon Device LC78622NE Datasheet HTML 3Page - Sanyo Semicon Device LC78622NE Datasheet HTML 4Page - Sanyo Semicon Device LC78622NE Datasheet HTML 5Page - Sanyo Semicon Device LC78622NE Datasheet HTML 6Page - Sanyo Semicon Device LC78622NE Datasheet HTML 7Page - Sanyo Semicon Device LC78622NE Datasheet HTML 8Page - Sanyo Semicon Device LC78622NE Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
• Built-in digital attenuator (8 bits – alpha, 239 steps)
• Built-in digital de-emphasis
• Zero cross muting
• Supports the implementation of a double-speed dubbing
function.
• Support for bilingual applications.
• General-purpose I/O ports: 5 pins
Features
• 5 V single-voltage power supply
Package Dimensions
unit: mm
3159-QFP64E
No. 6015-2/31
LC78622NE
14.0
17.2
1.0
1.0
1.6
0.15
0.35
0.1
15.6
0.8
0.8
1
16
17
32
33
48
49
64
2.7
SANYO: QFP64E (QIP64E)
[LC78622NE]
Equivalent Circuit Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com