Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMHF2805DF/OR Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # SMHF2805DF/OR
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805DF/OR Datasheet(HTML) 8 Page - Interpoint Corporation Company

Back Button SMHF2805DF/OR Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 9Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 10Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 11Page - Interpoint Corporation Company SMHF2805DF/OR Datasheet HTML 12Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
40
DC/DC CONVERTERS
SMHF SERIES
SINGLE AND DUAL
15 WATT
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.
CASE E
BOTTOM VIEW
See Figure 22
for pin configurations.
Squared corner and dot on top
of case indicate pin one.
1.460 max
(37.08)
1.130 max
(28.70)
Materials
Header Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
(SMHF Series
Cold Rolled Steel/Nickel/Gold)
Pins
#52 alloy/Gold
compression glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage
the device. Solder pins individually with heat
application not exceeding 300
°C for 10 seconds
per pin.
FIGURE 21: CASE E MAXIMUM DIMENSIONS
0.000
0.160
(4.06)
0.960
(24.38)
12
3
4
5
0.030 dia.
(0.76)
87
6
SMHF Series Single and Dual
BOTTOM VIEW CASE E1
Projection Weld
Squared corner and dot on top
of case indicate pin one.
FIGURE 22: CASE E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com