Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX05DN Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SCX05DN
Description  Precision Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCX05DN Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SCX05DN Datasheet HTML 1Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 2Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 3Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 4Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 5Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 6Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 7Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 8Page - List of Unclassifed Manufacturers SCX05DN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
March 1998/053
SCX - Series
Precision Compensated Pressure Sensors
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
APPLICATION INFORMATION (cont.)
Parallel A/D Conversion
The SCX sensor can be easily interfaced to a microprocessor
bus. Using an A/D converter, for a 0 to 1 psig input, the circuit in
Figure C will provide an eight-bit parallel output which is proportio-
nal to applied pressure. The circuit allows for easy calibration and
uses a single 5V supply.
Circuit Description
The output signal of the sensor is amplified by A
1, and A 2. The pot,
in resistor R
1
, can be adjusted to calibrate the gain of the circuit as
shown in the following gain equation:
V
OUT = VIN
2 [1+ R/
R1]
By adjusting R
3
, V
IN
(-) on the A/D converter is used to adjust the
initial offset voltage. A zener diode (LT1004) sets the initial input
voltage and provides the reference voltage for the converter. The
converter will output the maximum digital code when the A/D
converter´s input voltage, V
OUT, is twice the zener voltage, minus
1 1/
2
LSB. The A/D converter, as shown, is a free-running
configuration where the binary output is updated continously*.
The only requirement is that the WR and INTR must be momentarily
grounded after power-up to ensure proper operation.
Adjustment Procedure
1.
With no pressure applied, adjust the offset pot R
3 until all bits
are zero except the LSB, which should be switching between
one and zero.
2.
Apply full-scale pressure (1 psig) to port B, and adjust the full-
scale pot R
2 until all bits are ones except the LSB which should
be flickering between one and zero.
3.
Repeat procedure if necessary.
* For timing specifications and bus interface, see the ADC0804
Datasheet from National Semiconductor.
Serial A/D Conversion
The circuit shown in Figure D is similar to that shown in Figure C,
except the output is bit serial. Also shown (under the dashed line)
is a complimentary circuit for converting the serial output to a
parallel output for simplified testing.
Circuit Description
The three op amp configuration allows V
OUT to be at the same
common-mode voltage as V
IN , and takes advantage of the excellent
CMRR of the ADC0831. R
2
is used to adjust the gain of the amplifier
such that
V
OUT = V IN
2 [3/
2+
2R/
R1]
The A/D converter will output the maximum digital code when V
OUT
is equal to the zener voltage minus 1 1/
2 LSB. the initial offset of the
circuit can be nulled out by adjusting pot R
3. The converter circuit
requires only a clock and a chip select (CS) line in order to operate.
As shown in Figure E, when CS goes low, the A/D converter will
start a new conversion on the next rising edge of the clock. On the
next falling edge of the clock, D
O will have a zero start bit. Then,
starting with the MSB, the data out line (D
O) will provide the
converted digital output during the next eight consecutive falling
edges of the clock. The serial output can be read by using an
oscilloscope, a microprocessor, or a simple serial-to-parallel
converter as shown in Figure D.
Adjustment Procedure
1. With zero-pressure, adjust R
3, until the output of the
A/D converter is alternating between 00 and 01 (HEX).
2. Apply full-scale pressure (1 psig) to port B, and adjust R
4 unti
l
the digital output alternates between the FE to FF transition.
3. Repeat procedure if necessary.
Figure A.
Low Pressure Circuits Provide a 2 to 5 V Output for a 0-10 in. W.C. Pressure Input



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com