Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT6302-R-004 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6302-R-004
Description  VFD Driver/Controller IC with Character RAM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6302-R-004 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6302-R-004 Datasheet HTML 1Page - Princeton Technology Corp PT6302-R-004 Datasheet HTML 2Page - Princeton Technology Corp PT6302-R-004 Datasheet HTML 3Page - Princeton Technology Corp PT6302-R-004 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Tel: 886-2-6626288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT6302 v1.4
- 4 -
April, 2004
VFD Driver/Controller IC with Character RAM
PT6302
ORDERING INFORMATION
Order Part Number
Package Type
Top Code
PT6302LQ-001
64-pin LQFP
PT6302LQ-001
PT6302-R-001
64-pin SSOP
PT6302-R-001
PT6302LQ-002
64-pin LQFP
PT6302LQ-002
PT6302-R-002
64-pin SSOP
PT6302-R-002
PT6302-R-003
64-pin, SSOP
PT6302-R-003
PT6302LQ-003
64-pin, LQFP
PT6302LQ-003
PT6302-003-H
CIG
-
PT6302-R-004
64-pin, SSOP
PT6302-R-004
PT6302LQ-004
64-pin, LQFP
PT6302LQ-004
PT6302-R-005
64-pin, SSOP
PT6302-R-005
PT6302LQ-005
64-pin, LQFP
PT6302LQ-005
PT6302-R-006
64-pin, SSOP
PT6302-R-006
PT6302LQ-006
64-pin, LQFP
PT6302LQ-006
PT6302-007-H
CIG
-
PT6302LQ-001 (L)
64-pin LQFP
PT6302LQ-001
PT6302-R-001(L)
64-pin SSOP
PT6302-R-001
PT6302LQ-002 (L)
64-pin LQFP
PT6302LQ-002
PT6302-R-002 (L)
64-pin SSOP
PT6302-R-002
PT6302-R-003 (L)
64-pin, SSOP
PT6302-R-003
PT6302LQ-003 (L)
64-pin, LQFP
PT6302LQ-003
PT6302-R-004 (L)
64-pin, SSOP
PT6302-R-004
PT6302LQ-004 (L)
64-pin, LQFP
PT6302LQ-004
PT6302-R-005 (L)
64-pin, SSOP
PT6302-R-005
PT6302LQ-005 (L)
64-pin, LQFP
PT6302LQ-005
PT6302-R-006 (L)
64-pin, SSOP
PT6302-R-006
PT6302LQ-006 (L)
64-pin, LQFP
PT6302LQ-006
Notes:
1. (L) = Lead Free
2. The Lead Free mark is put in front of the date code.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com