Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4052 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC4052
Description  Dual 4-channel analog multiplexer/demultiplexer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC4052 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC4052 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC4052 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Nexperia
74HC4052; 74HCT4052
Dual 4-channel analog multiplexer/demultiplexer
Table 10. Dynamic characteristics for 74HCT4052
GND = 0 V; tr = tf = 6 ns; CL = 50 pF; for test circuit see Fig. 13.
Vis is the input voltage at a nYn or nZ terminal, whichever is assigned as an input.
Vos is the output voltage at a nYn or nZ terminal, whichever is assigned as an output.
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Tamb = -40 °C to +85 °C
Vis to Vos; RL = ∞ Ω; see Fig. 11
[2]
VCC = 4.5 V; VEE = 0 V
-
5
15
ns
tpd
propagation delay
VCC = 4.5 V; VEE = -4.5 V
-
4
10
ns
E, Sn to Vos; RL = 1 kΩ; see Fig. 12
[3]
VCC = 4.5 V; VEE = 0 V
-
41
88
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
18
-
ns
ton
turn-on time
VCC = 4.5 V; VEE = -4.5 V
-
28
60
ns
E, Sn to Vos; RL = 1 kΩ; see Fig. 12
[4]
VCC = 4.5 V; VEE = 0 V
-
26
63
ns
VCC = 5.0 V; VEE = 0 V; CL = 15 pF
-
13
-
ns
toff
turn-off time
VCC = 4.5 V; VEE = -4.5 V
-
21
48
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC - 1.5 V
[5]
-
57
-
pF
Tamb = -40 °C to +125 °C
Vis to Vos; RL = ∞ Ω; see Fig. 11
[2]
VCC = 4.5 V; VEE = 0 V
-
-
18
ns
tpd
propagation delay
VCC = 4.5 V; VEE = -4.5 V
-
-
12
ns
E, Sn to Vos; RL = 1 kΩ; see Fig. 12
[3]
VCC = 4.5 V; VEE = 0 V
-
-
105
ns
ton
turn-on time
VCC = 4.5 V; VEE = -4.5 V
-
-
72
ns
E, Sn to Vos; RL = 1 kΩ; see Fig. 12
[4]
VCC = 4.5 V; VEE = 0 V
-
-
75
ns
toff
turn-off time
VCC = 4.5 V; VEE = -4.5 V
-
-
57
ns
[1] All typical values are measured at Tamb = 25 °C.
[2] tpd is the same as tPHL and tPLH.
[3] ton is the same as tPZH and tPZL.
[4] toff is the same as tPHZ and tPLZ.
[5] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD × VCC 2 × fi × N + Σ{(CL + Csw) × VCC 2 × fo} where:
fi = input frequency in MHz;
fo = output frequency in MHz;
N = number of inputs switching;
Σ{(CL + Csw) × VCC 2 × fo} = sum of outputs;
CL = output load capacitance in pF;
Csw = switch capacitance in pF;
VCC = supply voltage in V.
74HC_HCT4052
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 14 — 9 February 2023
13 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com