Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC595
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC595 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC595 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC595 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Nexperia
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
msa697
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90 %
10 %
outputs
enabled
OE input
VM
tPZL
tPZH
VM
VM
Qn output
LOW-to-OFF
OFF-to-LOW
Qn output
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90 %
10 %
Measurement points are given in Table 8.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig. 13. Enable and disable times
Table 8. Measurement points
Input
Output
Type
VM
VM
74HC595
0.5VCC
0.5VCC
74HCT595
1.3 V
1.3 V
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 10 September 2021
13 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com