Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCX100DN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCX100DN
Description  Precision Compensated Pressure Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCX100DN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCX100DN Datasheet HTML 1Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 2Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 3Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 4Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 5Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 6Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 7Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 8Page - List of Unclassifed Manufacturers SCX100DN Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
March 1998/053
SCX - Series
Precision Compensated Pressure Sensors
Aubinger Weg 27, 82178 Puchheim, Germany
Phone 0049 - (0) 89 80 08 30, Fax 0049 - (0) 89 8 00 83 33
http://www.sensortechnics.com
FEATURES
· 0 - 1 psi to 0 - 150 psi
· Precision Temperature
Compensation
· Calibrated Zero and Span
· Small Size
· Low Noise
· High Accuracy
· High Impedance for
Low Power Applications
APPLICATIONS
· Medical Equipment
· Barometry
· Computer Peripherals
· Pneumatic Control
·HVAC
EQUIVALENT CIRCUIT
GENERAL DESCRIPTION
The SCX series sensors will provide a
very cost effective solution for pressure
applications that require high accuracy over
a wide temperature range. These internally
calibrated and temperature compensated
sensors were specifically designed to
provide an accurate and stable output over
a 0°C to 70°C temperature range. This series
is intended for use with non-corrosive, non-
ionic working fluids such as air, dry gases,
and the like.
Devices are available to measure abso-
lute, differential, and gage pressures from
1psi (SCX01) up to 150psi (SCX150). The
Absolute (A) devices have an internal
vacuum reference and an output voltage
proportional to absolute pressure. The Dif-
ferential (D) devices allow application of
pressure to either side of the pressure sen-
sing diaphragm and can be used for gage
or differential pressure measurements.
The SCX devices feature an integrated
circuit sensor element and laser trimmed
thick film ceramic housed in a compact nylon
case. This package provides excellent
corrosion resistance and provides isolation
to external package stresses. The package
has convenient mounting holes and pres-
sure ports for ease of use with standard
plastic tubing for pressure connection.
All SCX devices are calibrated for span
to within ±1% and provide a very low zero
pressure output of
±300 microvolts
maximum. Thus, for many applications,no
trimming networks are required in the signal
conditioning circuitry. If the application
requires extended temperature range ope-
ration, beyond 0 to 70°C, two pins which
provide an output voltage proportional to
temperature are available for use with
external circuitry.
The output of the bridge is ratiometric to
the supply voltage and operation from any
D.C. supply voltage up to +30 V is
acceptable.
Because these devices have very low
noise
and
excellent
temperature
compensation, they are ideal for medical
and other high performance applications.
The 100 microsecond response time also
makes this series an excellent choice for
computer peripherals and pneumatic control
applications.
ELECTRICAL CONNECTION
Pin 1)
Temperature Output (+)
Pin 2)
V
S
Pin 3)
Output (+)
Pin 4)
Ground
Pin 5)
Output (-)
Pin 6)
Temperature Output (-)
Note:
The polarity indicated is for pressure applied to port B. (For absolute devices
pressure is applied to port A and the output polarity is reversed.)
Scale:
1cm
½ inch


Similar Part No. - SCX100DN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SCX100DN SENSORTECHNICS-SCX100DN Datasheet
366Kb / 10P
Precision compensated pressure sensors
SCX100DNC SENSORTECHNICS-SCX100DNC Datasheet
111Kb / 4P
Low cost compensated pressure sensors
More results

Similar Description - SCX100DN

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
HDOM010AE8H SENSORTECHNICS-HDOM010AE8H Datasheet
77Kb / 5P
Precision compensated pressure sensors
RCOB001A SENSORTECHNICS-RCOB001A Datasheet
102Kb / 5P
Precision compensated pressure sensors
RDOB001A2 SENSORTECHNICS-RDOB001A2 Datasheet
140Kb / 5P
Precision compensated pressure sensors
RMOB001AND SENSORTECHNICS-RMOB001AND Datasheet
136Kb / 10P
Precision compensated pressure sensors
SCX01DN SENSORTECHNICS-SCX01DN Datasheet
366Kb / 10P
Precision compensated pressure sensors
HDOM010P SENSORTECHNICS-HDOM010P Datasheet
75Kb / 5P
Precision compensated pressure sensors
HROM025 SENSORTECHNICS-HROM025 Datasheet
107Kb / 5P
Precision compensated pressure sensors
HDOM010-P SENSORTECHNICS-HDOM010-P Datasheet
75Kb / 5P
Precision compensated pressure sensors
PCOH004DP SENSORTECHNICS-PCOH004DP Datasheet
60Kb / 3P
Precision compensated pressure sensors
PMOH004 SENSORTECHNICS-PMOH004 Datasheet
60Kb / 3P
Precision compensated pressure sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com