Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC595BZX Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC595BZX
Description  8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC595BZX Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC595BZX Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC595BZX Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Nexperia
74HC595; 74HCT595
8-bit serial-in, serial or parallel-out shift register with output latches; 3-state
74HC595
aaa-032839
Transparent top view
GND(1)
Q2 2
terminal 1
index area
Q3
DS
3
14
Q5 5
Q6 6
Q7 7
Q0
15
STCP
12
Q4 4
OE
13
SHCP
11
MR
10
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 7. Pin configuration SOT8016-1 (DHXQFN16)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
Q0
15
parallel data output 0
VCC
16
supply voltage
74HC_HCT595
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 11 — 10 September 2021
4 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com