Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOCP200 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TOCP200
Description  DUPLEX TYPE OPTICAL ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOCP200 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TOCP200 Datasheet HTML 1Page - Toshiba Semiconductor TOCP200 Datasheet HTML 2Page - Toshiba Semiconductor TOCP200 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOCA200
2001-06-13
1
ADAPTER
TOCA200
DUPLEX TYPE OPTICAL ADAPTER
For TOCP200 / TOCP200P (APF)
TOCP200Q / TOCP200X (PCF)
1. Maximum Ratings
ITEM
SYMBOL
RATINGS
UNIT
Storage Temperature
Tstg
−40 to 85
°C
Operating Temperature
Topr
−20 to 70
°C
2. Optical Characteristics (Ta=25°C)
ITEM
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Connection Loss
LC
TOCP200 / TOCP200P
TOCP200Q / TOCP200X
―
―
2
dB
Unit : mm


Similar Part No. - TOCP200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOCP200K TOSHIBA-TOCP200K Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
TOCP200PK TOSHIBA-TOCP200PK Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
TOCP200QK TOSHIBA-TOCP200QK Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
TOCP200XK TOSHIBA-TOCP200XK Datasheet
1Mb / 20P
Fiber-Optic Devices Toslink
More results

Similar Description - TOCP200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOCA100 TOSHIBA-TOCA100 Datasheet
70Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
TOCA150 TOSHIBA-TOCA150 Datasheet
69Kb / 3P
SIMPLEX TYPE OPTICAL ADAPTER
logo
Molex Electronics Ltd.
1060590200 MOLEX1-1060590200 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590210 MOLEX1-1060590210 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode
1060590220 MOLEX1-1060590220 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode
1060590230 MOLEX1-1060590230 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590200 MOLEX-1060590200_V01 Datasheet
22Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
1060590210 MOLEX-1060590210_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode
1060590220 MOLEX-1060590220_V01 Datasheet
49Kb / 1P
Optical Industrial Adapter, LC Duplex, Singlemode
1060590230 MOLEX-1060590230_V01 Datasheet
44Kb / 1P
Optical Industrial Adapter, LC Duplex, Multimode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com