Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS8855-18CE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FS8855-18CE
Description  500mA LDO Linear Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8855-18CE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FS8855-18CE Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 9Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 10Page - List of Unclassifed Manufacturers FS8855-18CE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8855
500mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
7/13
TD-0405007
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
OUTPUT VOLTAGE vs. AMBIENT
TEMPERATURE
3.26
3.28
3.30
3.32
3.34
3.36
-40
-30
-20
-10
0
1020304050
607080
AMBIENT TEMPERATURE (℃)
OUTPUT NOISE DC to 1MHz (39uVRMS)
GROUND PIN CURRENT vs. INPUT VOLTAGE
0
20
40
60
80
100
120
140
160
0
123
45
678
9
10
11
INPUT VOLTAGE (V)
OUTPUT NOISE to 1MHz (74uVRMS)
LINE TRANSIENT (IOUT=0mA)
LINE TRANSIENT (IOUT=10mA)
Iload
=0mA
Iload
=500mA
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT
5.0V
4.0V
CIN
1µF
COUT
3.3µF
50mV/div
VIN
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com