Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA362002FC-V1-R2 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # GTRA362002FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 200 W, 48 V, 34003600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA362002FC-V1-R2 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  GTRA362002FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA362002FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
GTRA362002FC
Rev. 06, 2023-06-23
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-source Breakdown Voltage
VGS = –8 V, ID = 10 mA
V(BR)DSS
150
V
Drain-source Leakage Current
VGS = –8 V, VDS = 10 V
IDSS
5
mA
Gate Threshold Voltage (main)
VDS = 10 V, ID = 10.8 mA
VGS(th)
–3.8
–3.0
–2.3
V
(peak)
VDS = 10 V, ID = 14.4 mA
VGS(th)
–3.8
–3.0
–2.3
V
Recommended Operating Conditions
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Operating Voltage
VDD
0
50
V
Gate Quiescent Voltage
VDS = 48 V, ID = 110 mA
VGS(Q)
–3.6
–3.0
–2.3
V
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-source Voltage
VDSS
125
V
Gate-source Voltage
VGS
–10 to +2
V
Operating Voltage
VDD
55
V
Gate Current
(main)
IG
10.8
mA
Gate Current
(peak)
IG
14.4
mA
Drain Current
(main)
ID
4.1
A
Drain Current
(peak)
ID
5.4
A
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these values
may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. For
reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance
(main, TCASE = 70 °C, 53 W DC)
RqJC
2.8
°C/W
(peak, TCASE = 70 °C, 73 W DC)
RqJC
2.1
°C/W
Ordering Information
Type and Version
Order Code
Package
Shipping
GTRA362002FC V1 R0
GTRA362002FC-V1-R0
H-37248C-4
Tape & Reel, 50 pcs
GTRA362002FC V1 R2
GTRA362002FC-V1-R2
H-37248C-4
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com