Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA384802FC-V1-R2 Datasheet(PDF) 4 Page - WOLFSPEED, INC.

Part # GTRA384802FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3600 – 3800 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA384802FC-V1-R2 Datasheet(HTML) 4 Page - WOLFSPEED, INC.

  GTRA384802FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA384802FC-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GTRA384802FC
4
Rev. 03.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 5. CW Performance at various V
DD
Figure 6. Small Signal CW Gain & Input Return Loss
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 250 mA, VGS(PEAK) = –6.0V
ƒ = 3800 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Eff
48 V Eff
52 V Eff
g384802fc-gr6c
-30
-25
-20
-15
-10
-5
8
10
12
14
16
18
3500
3600
3700
3800
3900
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 250 mA,
VGSPEAK = –6.0 V
IRL
Gain
g384802fc-gr7
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 250 mA, VGS(PEAK) = –6.0V
ƒ = 3800 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Eff
48 V Eff
52 V Eff
g384802fc-gr6c
-30
-25
-20
-15
-10
-5
8
10
12
14
16
18
3500
3600
3700
3800
3900
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 48 V, IDQ(MAIN) = 250 mA,
VGSPEAK = –6.0 V
IRL
Gain
g384802fc-gr7
Load Pull
Main side load pull performance – pulsed CW signal: 10 µsec, 10% duty cycle, 48 V, I
DQ = 250 mA , class AB
Peak side load pull performance – pulsed CW signal: 10 µsec, 10% duty cycle, 48 V, I
DQ = 360 mA, class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Z
s [W]
Z
l [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
Efficiency
[%]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
Efficiency
[%]
3600
11.2 – j7.4
10.2 + j0
18.1
54.70
295
31.3
11.7 – j7
17.0
48.70
74
57.5
3700
6.2 – j5.7
9.5 + j0.9
17.6
54.60
288
31.3
7.5 – j15.6
16.0
48.10
65
57.5
3800
4.0 – j7.3
8.4 + j2
17.4
54.60
288
31.2
16 – j24
14.6
47.20
52
55.5
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Z
s [W]
Z
l [W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
Efficiency
[%]
Z
l[W]
Gain
[dB]
P
OUT
[dBm]
P
OUT [W]
Efficiency
[%]
3600
15 – j11.4
3 – j8.5
15.4
55.90
389
57.5
1.5 – j7.3
18.5
54.60
288
67.0
3700
10.8 – j8.8
3 – j8.8
14.9
55.60
363
52.2
3 – j7.1
15.7
55.00
316
61.3
3800
6.7 – j8
3 – j8.8
15.2
55.60
363
56.9
1.6 – j7.6
17.0
53.50
224
61.8
0
10
20
30
40
50
60
70
10
11
12
13
14
15
16
17
29
33
37
41
45
49
53
57
Output Power (dBm)
CW Performance at various VDD
IDQ(MAIN) = 250 mA, VGS(PEAK) = –6.0V
ƒ = 3800 MHz
44 V Gain
48 V Gain
52 V Gain
44 V Eff
48 V Eff
52 V Eff
g384802fc-gr6c



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com