Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTAC240502FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTAC240502FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 23002400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTAC240502FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTAC240502FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. PTAC240502FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 05, 2023-06-28
5
PTAC240502FC
Reference Circuit , 2300 – 2400 MHz
Reference circuit assembly diagram (not to scale)
PTAC240502FC
IN_02_D
C102
RF_IN
RF_OUT
VDD
VG2
VG1
VDD
p t a c 24 05 02 f c _ C D _ 03- 11 - 20 21
C101
C103
C105
C104
C106
R102
R101
R103
C205
C204
C206
C208
C207
C209
C202
C201
C203
RO4350, .020
(194)
C210
PTAC240502FC
OUT_02_D
RO4350, .020
(194)
R104
R105
C214
C212
C213
C211
U1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com