Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT03D Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HCT03D
Description  Quad 2-input NAND gate; open-drain output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT03D Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HCT03D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT03D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
74HC03; 74HCT03
Quad 2-input NAND gate; open-drain output
4. Functional diagram
mna212
1A
1Y
1B
1
2
3
2A
2Y
2B
4
5
6
3A
3Y
3B
9
10
8
4A
4Y
4B
12
13
11
Fig. 1. Logic symbol
aaa-008083
3
1
2
&
6
4
5
&
8
9
10
&
11
12
13
&
Fig. 2. IEC logic symbol
001aab715
Y
GND
A
B
Fig. 3. Logic diagram (one gate)
5. Pinning information
5.1. Pinning
74HC03
74HCT03
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-008084
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14)
74HC03
74HCT03
1A
VCC
1B
4B
1Y
4A
2A
4Y
2B
3B
2Y
3A
GND
3Y
aaa-008085
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 5. Pin configuration SOT402-1 (TSSOP14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1A to 4A
1, 4, 9, 12
data input
1B to 4B
2, 5, 10, 13
data input
1Y to 4Y
3, 6, 8, 11
data output
GND
7
ground (0 V)
VCC
14
supply voltage
74HC_HCT03
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 10 August 2021
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com