Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT03PW Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74HCT03PW
Description  Quad 2-input NAND gate; open-drain output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT03PW Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74HCT03PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT03PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
74HC03; 74HCT03
Quad 2-input NAND gate; open-drain output
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit, see Fig. 7.
25 °C
-40 °C to
+85 °C
-40 °C to
+125 °C
Symbol Parameter
Conditions
Min
Typ
Max
Max
Max
Unit
74HC03
nA, nB to nY; see Fig. 6
[1]
VCC = 2.0 V
-
28
95
120
145
ns
VCC = 4.5 V
-
10
19
24
29
ns
VCC = 5.0 V; CL = 15 pF
-
8
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
-
8
16
20
25
ns
see Fig. 6
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
tt
transition time
VCC = 6.0 V
-
6
13
16
19
ns
CPD
power dissipation
capacitance
per package; VI = GND to VCC
[3]
-
4
-
-
-
pF
74HCT03
nA, nB to nY; see Fig. 6
[1]
VCC = 4.5 V
-
12
24
30
36
ns
tpd
propagation
delay
VCC = 5.0 V; CL = 15 pF
-
10
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Fig. 6
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package; VI = GND to VCC - 1.5 V
[3]
-
4
-
-
-
pF
[1] tpd is the same as tPLZ and tPZL.
[2] tt is the same as tTHL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW):
PD = CPD × VCC 2 × fi × N + Σ(CL × VCC 2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(CL × VCC 2 × fo) = sum of outputs.
74HC_HCT03
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 6 — 10 August 2021
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com