Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC1G66GV Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74HC1G66GV
Description  Single-pole single-throw analog switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC1G66GV Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74HC1G66GV Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74HC1G66GV Datasheet HTML 17Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Nexperia
74HC1G66; 74HCT1G66
Single-pole single-throw analog switch
12. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT353-1
SC-88A
MO-203
sot353-1_po
21-12-15
21-12-16
Unit
mm max
min
1.1
0.1
0.30 0.25 2.2
0.65 1.3
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.2 mm maximum per side are not included.
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
A1
A2
1.0
A3
bp
c
D(1) E(1)
e
e1
HE
Lp
v
w
0.15
0.1
0.3
0.1
y
1.15
1.8
0.26
0
0.8
0.15 0.08 1.8
0.8
0°
1.35
2.4
0.46
8°
θ
0
3 mm
scale
w
B
M
D
e
e
e1
A
A1
c
(5x)
A3
A2
Lp
detail X
HE
E
v M A
A
B
y
X
1
3
2
4
5
pin 1 index
θ
bp
(5x)
Fig. 16. Package outline SOT353-1 (TSSOP5)
74HC_HCT1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 5 — 27 January 2022
13 / 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com