Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC390D Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC390D
Description  Dual decade ripple counter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC390D Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC390D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC390D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
74HC390; 74HCT390
Dual decade ripple counter
Rev. 5 — 18 October 2021
Product data sheet
1. General description
The 74HC390; 74HCT390 is a dual 4-bit decade ripple counter divided into four separately clocked
sections. The counters have two divide-by-2 sections and two divide-by-5 sections. These sections
share an asynchronous master reset input (nMR) and can be used in a BCD decade or bi-quinary
configuration. If master reset inputs (1MR and 2MR) are used to simultaneously clear all 8 bits of
the counter, a number of counting configurations are possible within one package. The separate
clocks (nCP0 and nCP1) of each section allow ripple counter or frequency division applications of
divide-by-2, 4, 5, 10, 20, 25, 50 or 100. Each section is triggered by the HIGH-to-LOW transition
of the clock inputs (nCP0 and nCP1). For BCD decade operation, the nQ0 output is connected
to the nCP1 input of the divide-by-5 section. For bi-quinary decade operation, the nQ3 output is
connected to the nCP0 input and nQ0 becomes the decade output. A HIGH on the nMR input
overrides the clocks and sets the four outputs LOW. This device features reduced input threshold
levels to allow interfacing to TTL logic levels. Inputs also include clamp diodes, this enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Input levels:
• For 74HC390: CMOS level
• For 74HCT390: TTL level
• Two BCD decade or bi-quinary counters
• One device can be configured to divide-by-2, 4, 5, 10, 20, 25, 50 or 100
• Two master reset inputs to clear each decade counter individually
• Supply voltage range from 4.5 V to 5.5 V
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standard JESD7A (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC390D
74HCT390D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC390PW
74HCT390PW
-40 °C to +125 °C
TSSOP16 plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1


Similar Part No. - 74HC390D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC390D PHILIPS-74HC390D Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
74HC390DB PHILIPS-74HC390DB Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
More results

Similar Description - 74HC390D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS490 MOTOROLA-SN54LS490 Datasheet
161Kb / 5P
DUAL DECADE COUNTER
logo
NXP Semiconductors
74HC390 PHILIPS-74HC390 Datasheet
49Kb / 7P
Dual decade ripple counter
December 1990
logo
STMicroelectronics
M54HC390 STMICROELECTRONICS-M54HC390 Datasheet
266Kb / 13P
DUAL DECADE COUNTER
Feb-1993
logo
Texas Instruments
CD74HC390 TI-CD74HC390 Datasheet
45Kb / 8P
High Speed CMOS Logic Dual Decade Ripple Counter
logo
Intersil Corporation
HCTS390MS INTERSIL-HCTS390MS Datasheet
139Kb / 9P
Radiation Hardened Dual Decade Ripple Counter
September 1995
logo
Texas Instruments
CD54HCT390 TI-CD54HCT390 Datasheet
267Kb / 13P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
List of Unclassifed Man...
74HC390 ETC1-74HC390 Datasheet
256Kb / 6P
DUAL DECADE RIPPLE COUNTER
logo
Texas Instruments
CD74HC390 TI-CD74HC390_07 Datasheet
423Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
CD74HC390 TI-CD74HC390_08 Datasheet
453Kb / 15P
High-Speed CMOS Logic Dual Decade Ripple Counter
logo
STMicroelectronics
M74HC390 STMICROELECTRONICS-M74HC390 Datasheet
371Kb / 17P
Dual decade counter
21-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com