Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HC74
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HC74 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Nexperia
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
Package
Type number
Temperature range Name
Description
Version
74HC74BZ
74HCT74BZ
-40 °C to +125 °C
DHXQFN14 plastic, leadless dual in-line compatible thermal
enhanced extreme thin quad flat package;
no leads; 14 terminals; 0.4 mm pitch;
body 2 mm × 2 mm × 0.48 mm
SOT8014-1
4. Functional diagram
mna418
RD
FF
SD
4 10
Q
1Q
2Q
1Q
2Q
5
9
2
12
3
11
6
8
Q
1SD
CP
2CP
1CP
2D
1D D
2SD
1 13
1RD 2RD
Fig. 1. Logic symbol
mna419
6
3
2
C1
4
S
1D
1
R
5
8
11
12
C1
10
S
1D
13
R
9
Fig. 2. IEC logic symbol
RD
FF
SD
4
Q
1Q
1Q
5
2
3
6
Q
1SD
CP
1CP
1D D
1 1RD
mna420
RD
FF
SD
10
Q
2Q
2Q
9
12
11
8
Q
2SD
CP
2CP
2D D
13 2RD
Fig. 3. Functional diagram
mna421
SD
CP
RD
D
C
C
Q
C
C
C
C
C
C
Q
C
C
Fig. 4. Logic diagram for one flip-flop
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 8 — 9 February 2023
2 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com