Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC74BZ Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74HC74BZ
Description  Dual D-type flip-flop with set and reset; positive edge-trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC74BZ Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74HC74BZ Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC74BZ Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Nexperia
74HC74; 74HCT74
Dual D-type flip-flop with set and reset; positive edge-trigger
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1RD
1
asynchronous reset-direct input (active LOW)
1D
2
data input
1CP
3
clock input (LOW-to-HIGH, edge-triggered)
1SD
4
asynchronous set-direct input (active LOW)
1Q
5
output
1Q
6
complement output
GND
7
ground (0 V)
2Q
8
complement output
2Q
9
output
2SD
10
asynchronous set-direct input (active LOW)
2CP
11
clock input (LOW-to-HIGH, edge-triggered)
2D
12
data input
2RD
13
asynchronous reset-direct input (active LOW)
VCC
14
supply voltage
6. Functional description
Table 3. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care.
Input
Output
nSD
nRD
nCP
nD
nQ
nQ
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
H
Table 4. Function table
H = HIGH voltage level; L = LOW voltage level; X = don’t care;
↑ = LOW-to-HIGH transition; Qn+1 = state after the next LOW-to-HIGH CP transition.
Input
Output
nSD
nRD
nCP
nD
nQn+1
nQ n+1
H
H
↑
L
L
H
H
H
↑
H
H
L
74HC_HCT74
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 8 — 9 February 2023
4 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com