Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTFC210202FC-V1-R250 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTFC210202FC-V1-R250
Description  Thermally-Enhanced High Power RF LDMOS FET 28 W, 28 V, 1800 – 2200 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC210202FC-V1-R250 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

  PTFC210202FC-V1-R250 Datasheet HTML 1Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 2Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 3Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 4Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 5Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 6Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 7Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 8Page - WOLFSPEED, INC. PTFC210202FC-V1-R250 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 06, 2023-06-28
7
PTFC210202FC
Reference Circuit (cont.)
Reference Circuit Assembly
DUT
PTFC210202FC
Test Fixture Part No.
LTN/PTFC210202FC-V1
PCB
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, εr = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at http://www.wolfspeed.com/RF
Components Information
Component
Description
Suggested Manufacturer
P/N
Input
C101, C108
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C102, C103
Chip capacitor, 20 pF
ATC
ATC100A200JW150XB
C104, C107
Chip capacitor, 5.1 pF
ATC
ATC100A5R1CW250XT
C105, C106
Chip capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
R101, R102
Resistor, 10 W
Panasonic Electronic Components
ERJ-8GEYJ100V
Output
C201, C205
Chip capacitor, 20 pF
ATC
ATC100A200JW250XT
C202, C203, C206, C207
Chip capacitor, 1.6 pF
ATC
ATC800A1R6BT250XT
C204, C210
Chip capacitor, 10 µF
Taiyo Yuden
UMK325C7106MM-T
C208, C09
Capacitor, 100 µF
Panasonic Electronic Components
ECA-1HHG101
R201
Resistor, 10 W
ATC
CR11206T0100J
Pinout Diagram (top view)
Lead connections for PTFC210202FC
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1
D2
Drain Device 2
G1
Gate Device 1
G2
Gate Device 2
S
Source (flange)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com