Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT673 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LWT673
Description  Hyper TOPLED White Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673 Datasheet(HTML) 4 Page - OSRAM GmbH

  LWT673 Datasheet HTML 1Page - OSRAM GmbH LWT673 Datasheet HTML 2Page - OSRAM GmbH LWT673 Datasheet HTML 3Page - OSRAM GmbH LWT673 Datasheet HTML 4Page - OSRAM GmbH LWT673 Datasheet HTML 5Page - OSRAM GmbH LWT673 Datasheet HTML 6Page - OSRAM GmbH LWT673 Datasheet HTML 7Page - OSRAM GmbH LWT673 Datasheet HTML 8Page - OSRAM GmbH LWT673 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2001-01-30
4
LW T673
Kennwerte (
T
A =25 °C)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Farbkoordinate x nach CIE 1931
1)
(typ.)
Chromaticity coordinate x acc. to CIE 1931
1)
I
F =20 mA
x0.32
–
Farbkoordinate y nach CIE 1931
1)
(typ.)
Chromaticity coordinate y acc. to CIE 19311)
I
F =20 mA
y0.31
–
Abstrahlwinkel bei 50 %
I
V (Vollwinkel)
(typ.)
Viewing angle at 50 %
I
V
2
j
120
Grad
deg.
Durchlassspannung
(typ.)
Forward voltage
(max.)
I
F =20 mA
V
F
V
F
3.5
4.2
V
V
Sperrstrom
(typ.)
Reverse current
(max.)
V
R =5 V
I
R
I
R
0.01
10
mA
mA
Temperaturkoeffizient von x
(typ.)
Temperature coefficient of x
I
F =20 mA; –10°C £ T £ 100°C
TC
x
0.1
10-3/K
Temperaturkoeffizient von y
(typ.)
Temperature coefficient of y
I
F =20 mA; –10°C £ T £ 100°C
TC
y
0.3
10
-3/K
Temperaturkoeffizient von
V
F
(typ.)
Temperature coefficient of
V
F
I
F =20 mA; –10°C £ T £ 100°C
TC
V
–3.0
mV/K
Optischer Wirkungsgrad
(typ.)
Optical efficiency
I
F =20 mA
h
opt
6lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com