Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1313 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA1313
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA1313 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA1313 Datasheet HTML 1Page - Nanjing International Group Co 2SA1313 Datasheet HTML 2Page - Nanjing International Group Co 2SA1313 Datasheet HTML 3Page - Nanjing International Group Co 2SA1313 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-0.1
-1
-10
1
10
100
-1
-10
-100
200
250
300
350
400
450
-1
-10
-100
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
-0.1
-1
-10
-100
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
-0
-100
-200
-300
-400
-500
-0
-1
-2
-3
-4
-5
-6
-0
-50
-100
-150
-200
-200
-400
-600
-800
-1000
-0.1
-1
-10
-100
f=1MHz
I
E=0 / IC=0
T
a=25
℃
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-6V
T
a=25
℃
I
C
f
T
——
-500
V
CE= -1V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
-500
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
-500
T
a=25
℃
T
a=100
℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-1mA
-0.9mA
-0.8mA
-0.7mA
-0.6mA
-0.5mA
-0.4mA
-0.3mA
-0.2mA
I
B=-0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
V
CE=-1V
T
a=25
℃
T
a=100
℃
BASE-EMITTER VOLTAGE
V
BE(mV)
V
BE
——
I
C
-500
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com