Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT673-R2S2-1 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWT673-R2S2-1
Description  Hyper TOPLED White Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673-R2S2-1 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWT673-R2S2-1 Datasheet HTML 6Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 7Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 8Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 9Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 10Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 11Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 12Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 13Page - OSRAM GmbH LWT673-R2S2-1 Datasheet HTML 14Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
2001-01-30
10
LW T673
Lötbedingungen
Vorbehandlung nach JEDEC Level 2
Soldering Conditions Preconditioning acc. to JEDEC Level 2
IR-Reflow Lötprofil
(nach IPC 9501)
IR Reflow Soldering Profile
(acc. to IPC 9501)
OHLY0597
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
˚C
s
240-245 ˚C
10-40 s
183 ˚C
120 to 180 s
Defined for Preconditioning: up to 6 K/s
Ramp-down rate up to 6 K/s
Ramp-up rate up to 6 K/s
Defined for Preconditioning: 2-3 K/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com