Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SC2383
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2383 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SC2383 Datasheet HTML 1Page - Nanjing International Group Co 2SC2383 Datasheet HTML 2Page - Nanjing International Group Co 2SC2383 Datasheet HTML 3Page - Nanjing International Group Co 2SC2383 Datasheet HTML 4Page - Nanjing International Group Co 2SC2383 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/5
Typical Characteristics
1E-6
1E-5
1E-4
1E-3
1
10
100
1000
1E-3
0.01
0.1
1
10
In descending order
D=0.5, 0.2, 0.1, 0.05, 0.02, 0.01, Single Pulse
0.01
0.1
SQUARE WAVE PULSE DURATION, tp (sec)
NORMALISED TRAISIENT THERMAL IMPENDANCE
D=T
ON/T
R
θJA=62.5
℃
/W
T
J,PK=TA+ZthJA×PDM×RθJA
MAXIMUM FORWARD BIASED SAFE OPERATING AREA
0.1
0.01
0.1
10
100us
1ms
1s
100ms
10ms
1000
10s
DC
I
CM
R
θJA=62.5
℃
/W
T
A=25
℃
Single pulse
1
10
100
COLLECTOR TO EMITTER VOLTAGE V
CE
(V)
I
C
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com