Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA262802FC-V2-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA262802FC-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA262802FC-V2-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA262802FC-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTRA262802FC-V2-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GTRA262802FC
5
Rev. 03.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 48 V, I
DQ = 100 mA, Class AB
Peak Side Load Pull Performance – Pulsed CW signal: 16 µs, 10% duty cycle, 48 V, I
DQ = 200 mA, Class AB
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2550
24.62-j26.07 6.32-j4.58
16.28
51.00
125.89
64.9
4.21-j0.93
18.05
49.13
81.75
77.8
2620
27.89-j15.25 7.12-j4.87
16.15
50.91
123.31
66.4
4.75-j1.63
17.64
49.67
92.60
77.2
2690
37.33-j8.37
7.07-j5.42
15.71
50.81
120.50
64.8
4.46-j1.56
17.52
49.04
80.09
76.5
P
3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs [W]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
hD [%]
2550
7.71-j18.49
4.94-j4.23
15.03
53.81
240.38
64.0
2.92-j1.60
16.74
52.20
165.84
73.7
2620
11.70-j15.12 4.83-j4.21
15.31
53.31
214.29
61.0
2.98-j1.60
16.84
51.97
157.29
71.7
2690
14.78-j11.61 4.83-j4.33
15.18
53.45
221.31
60.8
3.13-j1.73
16.72
52.14
163.64
71.6
See next page for Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com