Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA364002FC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA364002FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 400 W, 48 V, 3400 – 3600 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA364002FC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA364002FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA364002FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTRA364002FC
6
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C106
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C102, C105
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C103, C104, C107, C108, C109
Capacitor, 10 pF
ATC
ATC800A100JT250T
C110, C111
Capacitor, 100 µF, 35 V
Panasonic Electronic Components
EEE-FT1V101AP
C112, C114
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250T
C113
Capacitor, 0.8 pF
ATC
ATC800A0R8CT250T
L101
Inductor, 4.7 nH
EPCOS (TDK)
B82496C3479J000
R101, R102
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R103
Resistor, 50 ohms
Richardson
C8A50Z4A
U1
Hybrid Coupler
Anaren
XC3500P-03S
Output
C201, C205, C211, C212
Capacitor, 10 pF
ATC
ATC800A100JT250T
C202, C206, C214
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C203, C204, C207, C208
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C209
Capacitor, 220 µF, 100 V Panasonic Electronic Components
ECA-2AHG221
C210
Capacitor, 1 pF
ATC
ATC800A1R0CT250T
C213
Capacitor, 0.2 pF
ATC
ATC800A0R2BT250T
C215
Capacitor, 0.6 pF
ATC
ATC800A0R6CT250T
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Pinout Diagram (top view)
Main
Peak
Bias Sequencing
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias OFF
1. Turn RF off
2. Apply pinch-off voltage to the gate
3. Turn-off drain voltage
4. Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com