Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTRA374902FC-V1-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 36003700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA374902FC-V1-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTRA374902FC-V1-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA374902FC-V1-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTRA374902FC
5
Rev. 02.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
C113
C107
R101
C108
C109
C110
C104
C106
R103
R102
C112
C114
C105
C101
C102
C103
C206
C208
C202
C201
C207
C210
C209
C205
C204
C203
GTRA374902FC_IN_01
RF_IN
RO4350, 20 MIL
RF_OUT
VDD
VGS(PEAK)
G t r a37 4902 f c - 1_ CD _01 - 31 - 20 19
GTRA374902FC
_OUT_01A
C111
C115
U1
RO4350,
20 MIL
VDD
C211
VGS(MAIN)
C113
C107
R101
C108
C109
C110
C104
C106
R103
R102
C112
C114
C105
C101
C102
C103
C206
C208
C202
C201
C207
C210
C209
C205
C204
C203
GTRA374902FC_IN_01
RF_IN
RO4350, 20 MIL
RF_OUT
VDD
VGS(PEAK)
G t r a37 4902 f c - 1_ CD _01 - 31 - 20 19
GTRA374902FC
_OUT_01A
C111
C115
U1
RO4350,
20 MIL
VDD
C211
VGS(MAIN)
Reference circuit assembly diagram (not to scale)
Evaluation Board Part Number
LTA/GTRA374902FC-V1
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66, ƒ = 3600 – 3700 MHz
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
Evaluation Board, 3600 – 3700 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com