Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2715 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 2SC2715
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2715 Datasheet(HTML) 1 Page - Nanjing International Group Co

  2SC2715 Datasheet HTML 1Page - Nanjing International Group Co 2SC2715 Datasheet HTML 2Page - Nanjing International Group Co 2SC2715 Datasheet HTML 3Page - Nanjing International Group Co 2SC2715 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2715 TRANSISTOR (NPN)
FEATURES
High Power Gain
Recommended for FM IF,OSC Stage and AM CONV. IF Stage.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=10μA, IE=0
35
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
30
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10μA, IC=0
4
V
Collector cut-off current
ICBO
VCB=35V, IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.1
μA
DC current gain
hFE(1)
VCE=12V, IC=2mA
40
240
Collector-emitter saturation voltage
VCE(sat)
IC=10mA, IB=1mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC=10mA, IB=1mA
1
V
Transition frequency
fT
VCE=10V, IC=1mA
100
400
MHz
Power Gain
Gpe
VCE=6V, IC=1mA, f=10.7
MHz
27
33
dB
CLASSIFIC ATION OF h FE(1)
Rank
R
O
Y
Range
40-80
70-140
120-240
Marking
RR1
RO1
RY1
SOT-23
1.
BASE
2.
EMITTER
3.
COLLECTOR
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
3.2
pF
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
35
V
VCEO
Collector-Emitter Voltage
30
V
VEBO
Emitter-Base Voltage
4
V
IC
Collector Current -Continuous
5
0
mA
PC
Collector Power Dissipation
35
0
mW
Operation Junction and Storage Temperature Range
℃
TJ,Tstg
-55
~+150
RθJA
Thermal Resistance
from Junction to Ambient
357
℃/W
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4


Similar Part No. - 2SC2715

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2715 TOSHIBA-2SC2715 Datasheet
314Kb / 7P
TRANSISTOR (HIGH FREQUENCY AMPLIFIER APPLICATIONS)
2SC2715 TOSHIBA-2SC2715 Datasheet
972Kb / 8P
Silicon NPN Epitaxial Planar Type (PCT process)
logo
Galaxy Semi-Conductor H...
2SC2715 BILIN-2SC2715 Datasheet
262Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC2715 KEXIN-2SC2715 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
SeCoS Halbleitertechnol...
2SC2715 SECOS-2SC2715 Datasheet
913Kb / 4P
NPN Plastic-Encapsulate Transistor
More results

Similar Description - 2SC2715

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com