Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTRA374902FC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTRA374902FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 450 W, 48 V, 36003700 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTRA374902FC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTRA374902FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTRA374902FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTRA374902FC
6
Rev. 02.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 0.5 pF
ATC
ATC800A0R5CT250XT
C103
Capacitor, 0.9 pF
ATC
ATC800A0R9CT250XT
C104
Capacitor, 1.2 pF
ATC
ATC800A1R2CT250XT
C105, C106, C107, C108, C112
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C109, C113
Capacitor, 1 µF, 100 V
TDK Corporation
C4532X7R2A105M230KA
C110, C114
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C111, C115
Capacitor, 100 µF, 35 V
Panasonic Electronic Components
EEE-FT1V101AP
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R103
Resistor, 50 ohms
Richardson
C8A50Z4A
U1
Hybrid Coupler
Anaren
XC3500P-03S
Output
C201, C202, C203, C207
Capacitor, 10 pF
ATC
ATC800A100JT250XT
C204, C208
Capacitor, 1 µF, 100 V
TDK Corporation
C4532X7R2A105M230KA
C205, C206, C209, C210
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C211
Capacitor, 220 µF, 100 V Panasonic Electronic Components
ECA-2AHG221
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain Device 1 (Main)
D2
Drain Device 2 (Peak)
G1
Gate Device 1 (Main)
G2
Gate Device 2 (Peak)
S
Source (flange)
Pinout Diagram (top view)
Lead connections for GTRA374902FC
Main
Peak
Bias Sequencing
Bias ON
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias OFF
1. Turn RF off
2. Apply pinch-off voltage to the gate
3. Turn-off drain voltage
4. Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com