Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2859 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC2859
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2859 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC2859 Datasheet HTML 1Page - Nanjing International Group Co 2SC2859 Datasheet HTML 2Page - Nanjing International Group Co 2SC2859 Datasheet HTML 3Page - Nanjing International Group Co 2SC2859 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
110
10
100
1
10
100
400
600
800
1000
0
25
50
75
100
125
150
0
50
100
150
200
110
100
10
100
1000
200
400
600
800
1000
0.1
1
10
100
012
3456
0
50
100
150
200
250
300
350
110
1
10
100
110
100
100
200
300
400
500
600
53
500
500
I
C
f
T
——
COMMON EMITTER
V
CE
= 6V
T
a
=25℃
COLLECTOR CURRENT
I
C
(mA)
300
β=10
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a
=100 ℃
T
a
=25℃
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
℃
500
500
T
a
=100 ℃
T
a
=25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURREMT
I
C
(mA)
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
——
V
BE
COMMON EMITTER
V
CE
=1V
Static Characteristic
COMMON
EMITTER
T
a
=25℃
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
1.2mA
1.08mA
0.96mA
0.84mA
0.72mA
0.6mA
0.24mA
0.36mA
0.48mA
I
B
=0.12mA
30
REVERSE VOLTAGE
V
CB
/V
EB
(V)
f=1MHz
I
C
=0/I
E
=0
T
a
=25 ℃
C
ob
/C
ib
——
V
CB
/V
EB
C
ob
C
ib
COLLECTOR CURRENT
I
C
(mA)
V
CE
= 6V
V
CE
= 1V
500
T
a
=100℃
T
a
=25℃
h
FE
——
I
C
COMMON EMITTER
V
CE
= 1V/6V
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com