Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA107001FC-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA107001FC-V1-R2
Description  High Power RF GaN on SiC HEMT 700 W, 50 V, DC - 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA107001FC-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA107001FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA107001FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTVA107001EC/FC
Rev. 3.1, 2021-10-14
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
5
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C109, C115
Capacitor, 56 pF
ATC
ATC800A560JT250XT
C102
Capacitor, 0.4 pF
ATC
ATC600F0R4AT250XT
C103, C104
Capacitor, 1 pF
ATC
ATC600F1R0BT250XT
C105
Capacitor, 3.6 pF
ATC
ATC600F3R6BT250XT
C106
Capacitor, 3.3 pF
ATC
ATC600F3R3BT250XT
C107, C108
Capacitor, 0.2 pF
ATC
ATC600F0R2AT250XT
C110, C112, C113
Capacitor, 5.6 pF
ATC
ATC600F5R6BT250XT
C111
Capacitor, 6.8 pF
ATC
ATC600F6R8BT250XT
C114
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
R101, R102
Resistor, 10 W
Panasonic – ECG
ERJ-3GEYJ100V
R103
Resistor, 5.6 W
Panasonic – ECG
ERJ-8RQJ5R6V
R104
Resistor, 100 W
Panasonic – ECG
ERJ-3GEYJ101V
Output
C201
Capacitor, 7.5 pF
ATC
ATC600F7R5BT250XT
C202
Capacitor, 6.8 pF
ATC
ATC600F6R8BT250XT
C203, C204
Capacitor, 2.4 pF
ATC
ATC600F2R4BT250XT
C205, C206, C207
Capacitor, 1.5 pF
ATC
ATC600F1R5BT250XT
C208
Capacitor, 39 pF
ATC
ATC600F390JT250XT
C209
Capacitor, 56 pF
ATC
ATC800A560JT250XT
C210
Capacitor, 10 µF
TDK Corporation
C5750X5R1H106K230KA
C211
Capacitor, 22 µF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C212
Capacitor, 100 µF
Cornell Dubilier Electronics (CDE)
SK101M100ST
C213
Capacitor, 220 µF
Panasonic – ECG
ECA-2AHG221
C214
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C215
Capacitor, 100 V, 6800 µF
Panasonic – ECG
ECO-S2AP682EA
Pinout Diagrams (top view)
Pin
Description
D
Drain
G
Gate
S
Source (flange)
D
G
S
h-36248-2_2016-09-26
Source
(flange)
Source
(flange)
D
G
h-37248-2_2016-09-23
GTVA107001EC
Package H-36248-2
GTVA107001FC
Package H-37248-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com