Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA126001EC-V1-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA126001EC-V1-R2
Description  Thermally-Enhanced High Power RF GaN HEMT 600 W, 50 V, DC – 1.4 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA126001EC-V1-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA126001EC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA126001EC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. P06, 2020-03-10
5
GTVA126001EC/FC
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C102
Capacitor, 1.2 pF
ATC
ATC800A1R2CT250T
C103, C104
Capacitor, 56 pF
ATC
ATC800A560JT250T
C105
Capacitor, 39 pF
ATC
ATC100B390JW500XB
C106
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
R101
Resistor, 10 ohms
Panasonic Electronic Components
ERJ-3GEYJ100V
R102
Resistor, 100 ohms
Panasonic Electronic Components
ERJ-3GEYJ101V
R103
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-8RQJ5R6V
R104
Resistor, 30 ohms
Panasonic Electronic Components
ERJ-8GEYJ300V
Component
Description
Manufacturer
P/N
Output
C201
Capacitor, 1.6 pF
ATC
ATC800A1R6CT250T
C202
Capacitor, 3.6 pF
ATC
ATC100A3R6CW150XB
C203
Capacitor, 56 pF
ATC
ATC800A560JT250T
C204, C205
Capacitor, 39 pF
ATC
ATC100B390JW500XB
C206, C207, C208, C209,
C210, C211, C212, C213
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C214, C215
Capacitor, 22 µF
Cornell Dubilier Electronics (CDE)
SEK220M100ST
C216, C217
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
Pinout Diagram (top view)
D
G
S
h-36248-2_2016-09-26
Source
(flange)
Pin
Description
D
Drain
G
Gate
S
Source (flange)
Source
(flange)
D
G
h-37248-2_2016-09-23
Pin
Description
D
Drain
G
Gate
S
Source (flange)
GTVA126001EC
Package H-36248-2
GTVA126001FC
Package H-37248-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com