Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA212701FA-V2-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA212701FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2110 – 2200 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA212701FA-V2-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA212701FA-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA212701FA-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTVA212701FA
5
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 2110 to 2200 MHz
Evaluation Board Part Number
LTN/GTVA212701FA-V2
PCB Information
Rogers 4350, 0.508 mm [.020”] thick, 2 oz. copper, ε
r = 3.66
Find Gerber files for this reference circuit on the Wolfspeed Web site at www.wolfspeed.com/RF
RF_IN
RF_OUT
g t v a 21 2 701 f a_ C D _ 03 - 23 - 17 - b n
GTVA212701FA_OUT_03
GTVA212701FA_IN_03
RO4350, 20 MIL (291)
RO4350, 20 MIL (291)
C109
C104
C102
C108
R103
C107
C103
R101
C106
C105
C110
R102
C101
C206
C204
C201
C205
C207
C208
C209
C202
C203
VDD
VGG
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com