Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA262701FA-V2-R0 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA262701FA-V2-R0
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 270 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA262701FA-V2-R0 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA262701FA-V2-R0 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA262701FA-V2-R0 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
GTVA262701FA
5
Rev. 04.3, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Evaluation Board, 2620 to 2690 MHz
Evaluation Board Part Number
LTN/GTVA262701FA-V2
PCB Information
Rogers 4350, 0.508 mm [0.020”] thick, 2 oz. copper, ε
r = 3.66
Find Gerber files for this test fixture on the Wolfspeed Web site at www.wolfspeed.com/RF
RO4350, 20 MIL (61)
RO4350, 20 MIL
GTVA262701FA_IN_01 (61)
GTVA262701FA
OUT_01
C 203
C 204
C 208
C 104
C 106
C 107
R 102
C 105
R 101
C 101
C 103
L1
C 102
C 201
C 206
C 205
R F_OUT
R F_IN
C 207
g t v a 2 6 2 7 0 1 f a _ C D _ 0 2 - 0 9 - 2 0 1 7 - b n
C 202
V G G
V DD
Reference circuit assembly diagram (not to scale)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com