Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LWT673-S2 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LWT673-S2
Description  Hyper TOPLED White Hyper-Bright LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWT673-S2 Datasheet(HTML) 5 Page - OSRAM GmbH

  LWT673-S2 Datasheet HTML 1Page - OSRAM GmbH LWT673-S2 Datasheet HTML 2Page - OSRAM GmbH LWT673-S2 Datasheet HTML 3Page - OSRAM GmbH LWT673-S2 Datasheet HTML 4Page - OSRAM GmbH LWT673-S2 Datasheet HTML 5Page - OSRAM GmbH LWT673-S2 Datasheet HTML 6Page - OSRAM GmbH LWT673-S2 Datasheet HTML 7Page - OSRAM GmbH LWT673-S2 Datasheet HTML 8Page - OSRAM GmbH LWT673-S2 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LW T673
2001-01-30
5
1) Farbortgruppen
Chromaticity coordinate groups
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: R2-4
Example: R2-4
Farbortgruppen werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±0,01
ermittelt.
Chromaticity coordinate groups are tested at a current pulse duration of 25 ms and an accuracy of
±0.01.
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Farbortgruppe
Cromaticity coordinate Group
R2
4
OHA01327
520
530
540
550
560
570
580
590
600
610
620
630
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
510
500
490
480
470
450
460
0.23
0.24
0.25
0.26
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.40
+
+
group 3
group 4
group 5
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com