Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA262711FA-V2-R2 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # GTVA262711FA-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 300 W, 48 V, 2620 – 2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA262711FA-V2-R2 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  GTVA262711FA-V2-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 8Page - WOLFSPEED, INC. GTVA262711FA-V2-R2 Datasheet HTML 9Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
GTVA262711FA
5
Rev. 04.4, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance (cont.)
Figure 9. CW Performance at various V
DD
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
27
32
37
42
47
52
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 320 mA, ƒ = 2690 MHz
(series show supply voltage)
44 V
48 V
52 V
g262711fa-gr6
Gain
Efficiency
-35
-30
-25
-20
-15
-10
-5
10
12
14
16
18
20
22
2450
2550
2650
2750
2850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 320 mA
Gain
IRL
g262711fa-gr7
0
10
20
30
40
50
60
70
13
14
15
16
17
18
19
20
27
32
37
42
47
52
57
Output Power (dBm)
CW Performance at various VDD
IDQ = 320 mA, ƒ = 2690 MHz
(series show supply voltage)
44 V
48 V
52 V
g262711fa-gr6
Gain
Efficiency
-35
-30
-25
-20
-15
-10
-5
10
12
14
16
18
20
22
2450
2550
2650
2750
2850
Frequency (MHz)
CW Performance Small Signal
Gain & Input Return Loss
VDD = 48 V, IDQ = 320 mA
Gain
IRL
g262711fa-gr7
Figure 10. CW Performance Small Signal
Gain & Input Return Loss
Load Pull Performance
Pulsed CW signal – 10 µsec, 10% duty cycle; 48 V, 320 mA
P
3dB
Class AB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Z
s [W]
Z
l2ƒ0 [W]
Z
l[W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
h
D [%]
Zl [W]
Gain
[dB]
P
3dB
[dBm]
P
3dB [W]
h
D [%]
2620
8.3 – j4.7
1.2 + j0
2.75 – j4.56 15.5
55.48
353
60.7
2.5 – j2.94
16.8
54.52
283
68.0
2655
6.7 – j4.3
1.3 + j0
2.79 – j4.59 15.5
55.46
352
60.8
2.14 – j2.85 17.2
53.83
242
66.3
2690
5.6 – j5.2
1.2 + j0
2.85 – j4.50 15.4
55.43
349
60.2
2.46 – j3.03 16.7
54.38
274
65.9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com