Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTVA263202FC-V1-R2 Datasheet(PDF) 6 Page - WOLFSPEED, INC.

Part # GTVA263202FC-V1-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 340 W, 48 V, 2620 – 2690 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

GTVA263202FC-V1-R2 Datasheet(HTML) 6 Page - WOLFSPEED, INC.

  GTVA263202FC-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. GTVA263202FC-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
GTVA263202FC
6
Rev. 04.1, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C104, C106, C109
Capacitor, 10 pF
ATC
ATC800A100JT250T
C102, C107
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C103, C108
Capacitor, 10 µF
Panasonic Electronic Components
EEE-HB1H100AP
C105
Capacitor, 1 pF
ATC
ATC800A1R0CT250T
L1, L2
Inductor, 12 nH
Coilcraft
0908SQ-12NGLB
R101, R102
Resistor, 5.6 ohms
Panasonic Electronic Components
ERJ-3GEYJ5R6V
Output
C201, C209
Capacitor, 1 µF
TDK Corporation
C4532X7R2A105M230KA
C202, C210
Capacitor, 220 µF
Panasonic Electronic Components
ECA-2AHG221
C203, C205, C206, C208
Capacitor, 10 pF
ATC
ATC800A100JT250T
C204
Capacitor, 1.4 pF
ATC
ATC800A1R4CT250T
C207, C211
Capacitor, 10 µF
TDK Corporation
C5750X7S2A106M230KB
H-37248-4_pd_10-10-2012
S
D1
D2
G1
G2
Pin
Description
D1
Drain device 1
D2
Drain device 2
G1
Gate device 1
G2
Gate device 2
S
Source (flange)
Pinout Diagram (top view)
Bias Sequencing
Bias On
1. Ensure RF is turned off
2. Apply pinch-off voltage of –5 V to the gate
3. Apply nominal drain voltage
4. Bias gate to desired quiescent drain current
5. Apply RF
Bias Off
1. Turn RF off
2. Apply pinch-off voltage to the gate
3. Turn-off drain voltage
4. Turn-off gate voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com