Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTGA090304MD-V2-R5 Datasheet(PDF) 5 Page - WOLFSPEED, INC.

Part # PTGA090304MD-V2-R5
Description  Wideband LDMOS Two-stage Integrated Power Amplifier 2 X 15 W, 48 V, 575 – 960 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTGA090304MD-V2-R5 Datasheet(HTML) 5 Page - WOLFSPEED, INC.

  PTGA090304MD-V2-R5 Datasheet HTML 1Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 2Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 3Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 4Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 5Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 6Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 7Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 8Page - WOLFSPEED, INC. PTGA090304MD-V2-R5 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PTGA090304MD
5
Rev. 04.2, 2022-1-27
© 2022 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Typical Performance, 920 – 960 MHz (data taken in test fixture)
Figure 5. CW Performance
Figure 7. IMD versus two-tone spacing
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48 50
Output Power (dBm)
CW Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA
920 Mhz Gain
940 MHz Gain
960 MHz Gain
920 MHz Eff
940 MHz Eff
960 MHz Eff
Efficiency
Gain
ptga090304md_g7
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
Two-tone Spacing (MHz)
IMD versus two-tone spacing
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
(ƒ1+ƒ2)/2=Center Frequency of 940 MHz
IM3_U
IM3_L
IM5_U
IM5_L
ptga090304md_g8
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
15
17
19
21
23
25
27
29
31
33
35
400 500 600 700 800 900 1000 1100 1200 1300
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA
Input Return Loss
Gain
Gain
ptga090304md_g6
0
15
30
45
60
0
10
20
30
40
30 32 34 36 38 40 42 44 46 48 50
Output Power (dBm)
CW Performance
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA
920 Mhz Gain
940 MHz Gain
960 MHz Gain
920 MHz Eff
940 MHz Eff
960 MHz Eff
Efficiency
Gain
ptga090304md_g7
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
100
Two-tone Spacing (MHz)
IMD versus two-tone spacing
VDD = 50 V, IDQ1M = 34 mA, IDQ2M = 144 mA,
(ƒ1+ƒ2)/2=Center Frequency of 940 MHz
IM3_U
IM3_L
IM5_U
IM5_L
ptga090304md_g8
-40
-36
-32
-28
-24
-20
-16
-12
-8
-4
0
15
17
19
21
23
25
27
29
31
33
35
400 500 600 700 800 900 1000 1100 1200 1300
Frequency (MHz)
Small Signal CW
Gain & Input Return Loss
VDD = 50 V, IDQ1 = 34 mA, IDQ2 = 144 mA
Input Return Loss
Gain
Gain
ptga090304md_g6
Figure 6. Small Signal CW Gain & Return Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com